PART |
Description |
Maker |
STM32F302VB STM32F303RC |
ARM Cortex-M4F 32b MCU FPU
|
STMicroelectronics
|
STM32F373C8 STM32F372VBT6 STM32F373CC STM32F373V8 |
ARM Cortex-M4 32b MCU FPU, up to 256KB Flash 32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
|
STMicroelectronics
|
STM32F303VCT6 |
ARM Cortex-M4 32b MCU FPU, up to 256KB Flash 48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
|
STMicroelectronics
|
STM32F407XX STM32F405XX STM32F405XX12 STM32F405RGT |
ARM Cortex-M4 32b MCU FPU, 210DMIPS, up to 1MB Flash/192 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
STMicroelectronics
|
STM32F745VE STM32F746VG STM32F746BE STM32F746ZG ST |
Up to 168 I/O ports with interrupt capability ARM-based Cortex-M7 32b MCU FPU, 462DMIPS, up to 1MB Flash/320 16 4KB RAM, USB OTG HS/FS, ethernet, 18 TIMs, 3 ADCs, 25 com itf, cam & LCD
|
STMicroelectronics
|
STM32F429NI STM32F429NIH6 STM32F429NEH6 STM32F429N |
High-performance and DSP with FPU, ARM Cortex-M4 MCU with 2 Mbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerator, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 180 MHz CPU, Art Accelerateur, SDRAM High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, SDRAM, TFT High-performance and DSP with FPU, ARM Cortex-M4 MCU with 1 Mbyte Flash, 180 MHz CPU, Art Accelerator, TFT
|
ST Microelectronics
|
STM32F411VEI6 |
STM32 Dynamic Efficiency MCU, High-performance and DSP with FPU, ARM Cortex-M4 MCU with 512 Kbytes Flash, 100 MHz CPU, Art Accelerator
|
ST Microelectronics
|
STM32F302C8T7 STM32F302C8Y6TR STM32F302C6 |
Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, Comparator, Op-Amp Analog and DSP with FPU ARM Cortex-M4 MCU with 64 Kbytes Flash, 72 MHz CPU, CCM, 12-bit ADC 5 MSPS, Comparator, Op-Amp
|
ST Microelectronics
|
STM32F303VBT6 STM32F303VBT6TR |
Analog and DSP with FPU ARM Cortex-M4 MCU with 128 Kbytes Flash, 72 MHz CPU, MPU, CCM, 12-bit ADC 5 MSPS, PGA, comparators
|
ST Microelectronics
|
LPC1853JET256 LPC1837FET256 LPC1853FET256 LPC1837J |
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
|
NXP Semiconductors
|
STM32L051C6T6 STM32L051C6T6TR STM32L051C8 STM32L05 |
Ultra-low-power ARM Cortex-M0 MCU with 32 Kbytes Flash, 32 MHz CPU Ultra-low-power ARM Cortex-M0 MCU with 64 Kbytes Flash, 32 MHz Ultra-low-power ARM Cortex-M0 MCU with 64 Kbytes Flash, 32 MHz CPU
|
ST Microelectronics
|
|